PART |
Description |
Maker |
BT134 BT134-500 BT134-500F BT134-500G BT134-600 BT |
Triacs 500 V, 4 A, TRIAC Triacs 800 V, 4 A, TRIAC Triacs(双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
T1212MH T1213DH T1210MH T1213NH T12XXXH T1210NH -T |
700V standard triac 800V standard triac STANDARD TRIACS BOX ALUM UNPAINTED 10X6X3.5,1 BOX UTILITY ALUM GREY 7X5X3,1 400V standard triac
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
BTA41-700BRG BTA40AB |
STANDARD TRIACS
|
STMicroelectronics
|
Z00607MA2BL2 Z00607MA5AA4 Z00607MA5BL2 Z00607MN1BA |
Standard 0.8 A Triacs
|
意法半导 STMicroelectronics
|
T12XXXH |
Standard Triacs(标准双向可控
|
意法半导
|
26T06B-CW 26T08B-BW 26T06B-B 26T06B-BW 26T06BI-B 2 |
TRIACs, 25A Sunbberless and Standard
|
Nell Semiconductor Co., Ltd
|
8T06F-CW 8T06H-CW 8T06H-BW 8T06H-TW 8T06H-SW 8T08A |
TRIACs, 8A Snubberless, Logic Level and Standard
|
Nell Semiconductor Co., Ltd
|
T1235T-6I T1225T-6I T1220T-6I |
Snubberless, logic level and standard 12 A Triacs
|
STMicroelectronics
|
T1210 BTA12 T1235 BTA12SW T1250 BTB12BW |
12 A Snubberless? logic level and standard triacs
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conduct...
|
12T06H-CW 12T06H-SW 12T06H-BW 12T08A-SW 12T06A-TW |
TRIACs, 12A Snubberless, Logic Level and Standard
|
Nell Semiconductor Co., Ltd
|
LXX04R5 LXX04D8 LXX04L6 L4004D8XX LK004D3XX LK004R |
4 Amp Sensitive & Standard Triacs 4 Amp Sensitive & Standard Triacs
|
Littelfuse
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|